|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Gunter Semiconductor GmbH Chip Specification General Description: * Advanced Process Technology * Dynamic dV/dt Rating * 150 Operating Temperature * Fast Switching * Fully Avalanche Rated * Extremely low RDS(on) Mechanical Data: D21 4.11mmx 5.56mm Dimension 400 m Thickness: Metallization: Al Top : : CrNiAg / Au Backside : Suggested Bonding Conditions: Die Mounting: Solder Perform 95/5 PbSn or 92.5./2.5/5 PbAgIn Source Bonding Wire: 15 mil Al Absolute Maximum Rating Characteristics Drain-to-Source Breakdown Voltage Static Drain-to - Source On-resistance Continuous Drain current ( in target package) Continuous Drain current ( in target package) Operation Junction Storage Temperature @Ta=25 GFC244 N Channel Power MOSFET with extremely low RDS(on) Symbol V(BR)DSS RDS(ON) ID@25 ID@100 Tj Limit Unit Test Conditions VGS=0V, ID=250 VGS=10V, ID=7 VGS=10V VGS=10V 250 0.28 14 8.9 -55~150 -55~150 V A A TSTR Target Device: IRF644 TO-220AB PD 139 W @Tc=25 |
Price & Availability of GFC244 |